Part Number Hot Search : 
C3178 HS9516 CY6214 C150KRKT MIW4032 AFB0812 AD2702L L0538
Product Description
Full Text Search
 

To Download MP15005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.galaxycn.com bl bl galaxy electrical document number 0287058 1. galaxy electrical features rating to 1000v prv surge overload rating to 300 amperes peak ideal for printed circuit board reliable low cost construction utilizing molded maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. mp 1502 mp 1504 mp 1506 mp 1508 mp 1510 units ma x imu m r ec ur r e nt pe ak r e v e r s e v o lta ge v rrm 200 400 600 800 1000 v ma x imu m rms v o lta ge v rms 140 280 420 560 700 v ma x imu m dc b loc kin g v o lta ge v dc 200 400 600 800 1000 v maximum average f orw ard output current @t a =25 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load maximum instantaneous forw ard voltage at 7.5a v f v maximum reverse current @t a =25 a at rated dc blocking voltage @t a =100 ma operating junction temperature range t j storage temperature range t stg mp 15005 mp 1501 50 100 1.1 1.0 300.0 i fsm MP15005 - - - mp1510 a 10.0 plastic technique results in inexpensive product i f(av) 15.0 silicon bridge rectifiers lead solderable per mil-std-202 method 208 a - 55 ---- + 150 - 55 ---- + 125 i r 100 70 voltage range: 50 --- 1000 v current: 15.0 a 35 50 mp inch(mm) .311 (7.9) 1.142(29) 1.102(28) max .425(10.8) .480(12.2) .633(16.1) .673(17.1) .673(17.1) .633(16.1) .692(17.6) .732(18.6) .582(14.8) .543(13.8) (0.8x 6.4) .033x 250 hole for no.10 screw - + 1.142(29) 1.102(28) plastic
.4 .6 .8 1.0 1.2 0.1 1.0 10 1.6 .2 100 1.4 1000 0 0 50 10 5 15 20 25 100 150 0 100 1 100 500 200 300 400 10 8.3ms single half sine wave t j =125 amperes average forward output current, amperes percent of rated peak reverse voltage MP15005 - - - mp1510 number of cycles at 60h z ambient temperature, instantaneous forward current, peak forward surge current, instantaneous forward voltage, volts instantaneous reverse current, microamperes ratings and characteristic curves fi g.2 -- forward derating curve fi g. 1 -- peak forward surge current fig.3 -- typical forward characteristic fig.4 -- typical reverse characteristics amperes bl galaxy electrical www.galaxycn.com document number 0287058 2. .01 1.0 10 0.1 t j =100 t j =25 0 20 40 60 80 100 120 140


▲Up To Search▲   

 
Price & Availability of MP15005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X